PART |
Description |
Maker |
R5F2L357MDFP R5F2L357MNFP R5F2L358MNFP R5F2L358MDF |
R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
|
Renesas Electronics Corporation
|
ACTF480-1 ACTF480-1_480.0_TO39-2 ACTF480-1/480.0/T |
one channel IF filter for DSB receivers with constant group delay
|
Advanced Crystal Technology
|
ACTF4010 ACTF4010/480.0/QCC8C |
one channel IF filter for DSB receivers with constant group delay
|
Advanced Crystal Technology
|
ACTF480-9_479.5_TO39 ACTF480-9 ACTF480-9/479.5/TO3 |
two channel IF filter for DSB receivers with constant group delay
|
Advanced Crystal Technology
|
ACTF480-3 ACTF480-3_480.0_TO39-2 ACTF480-3/480.0/T |
one channel IF filter for DSB receivers with constant group delay
|
Advanced Crystal Technology
|
FM336 FM336PLUS-D90 |
V.34/Group 3 High Performance Fax Modem Family V.34/Group 3高性能传真调制解调器家
|
Conexant Systems, Inc.
|
3D3314-75 3D3314 3D3314-10 3D3314-100 3D3314-125 3 |
MONOLITHIC QUAD FIXED DELAY LINE (SERIES 3D3314) SILICON DELAY LINE, TRUE OUTPUT, PDIP14 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
|
DATADELAY[Data Delay Devices, Inc.]
|
FNQ-R-25 FNQ-R-15 |
Cartridge Fuse; Current Rating:25A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Melamine; Diameter:0.406mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm Cartridge Fuse; Current Rating:15A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Melamine; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ-R
|
COOPER INDUSTRIES
|
UPD424263LLE-A80 UPD424263LLE-A70 UPD424263LG5M-A6 |
20-output, 200-MHz Zero Delay Buffer 16 Kbit (2K x 8) nvSRAM 3.3V Zero Delay Buffer x16 Fast Page Mode DRAM Three-PLL General-Purpose EPROM Programmable Clock Generator Phase-Aligned Clock Multiplier x16快速页面模式的DRAM
|
Cooper Hand Tools
|
NCV8501 NCV8501D33G NCV8501DADJ NCV8501D100 NCV850 |
Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG 3.3 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO8 Micropower 150 mA LDO Linear Regulators with ENABLE / DELAY / RESET / and Monitor FLAG
|
可调正电压单路输出LDO稳压 ONSEMI[ON Semiconductor]
|